|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APT10086BLC APT10086SLC 1000V 13A 0.860W POWER MOS VITM Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs. Lower gate charge is achieved by optimizing the manufacturing process to minimize Ciss and Crss. Lower gate charge coupled with Power MOS VITM optimized gate layout, delivers exceptionally fast switching speeds. * Identical Specifications: TO-247 or Surface Mount D3PAK Package * Lower Gate Charge & Capacitance * Easier To Drive * 100% Avalanche Tested * Faster switching MAXIMUM RATINGS Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter BLC D3PAK TO-247 SLC D G S All Ratings: TC = 25C unless otherwise specified. APT10086 UNIT Volts Amps Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current 1 Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current 1 Repetitive Avalanche Energy Single Pulse Avalanche Energy AL IC HN EC ON TI ED AT NC RM VA FO AD IN 1000 13 52 30 40 370 2.96 300 13 30 -55 to 150 (Repetitive and Non-Repetitive) 1 4 Volts Watts W/C C Amps mJ 1300 STATIC ELECTRICAL CHARACTERISTICS Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current 2 MIN TYP MAX UNIT Volts Amps 1000 13 0.860 25 250 100 3 5 (VDS > I D(on) x R DS(on) Max, VGS = 10V) 2 Drain-Source On-State Resistance (VGS = 10V, 0.5 ID[Cont.]) Ohms A nA Volts 050-5920 Rev - 11-99 Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA) CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. APT Website - http://www.advancedpower.com USA EUROPE 405 S.W. Columbia Street Chemin de Magret Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61 DYNAMIC CHARACTERISTICS Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge 3 APT10086 BLC - SLC Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V MIN TYP MAX UNIT 2800 350 120 95 17 52 14 10 31 11 nC pF Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current 1 Diode Forward Voltage Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) AL IC HN EC ON TI ED AT NC RM VA FO AD IN VDD = 0.5 VDSS RG = 1.6W ID = ID[Cont.] @ 25C MIN TYP (Body Diode) 2 ns MAX UNIT Amps Volts ns C 13 52 (VGS = 0V, IS = -ID[Cont.]) 1.3 800 Reverse Recovery Charge (IS = -ID[Cont.], dl S /dt = 100A/s) 11.0 THERMAL CHARACTERISTICS Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W 0.34 40 3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L =15.38mH, R = 25W, Peak I = 13A j G L 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% APT Reserves the right to change, without notice, the specifications and information contained herein. TO-247 Package Outline Drain (Heat Sink) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC D PAK Package Outline 4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532) 3 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 1.04 (.041) 1.15 (.045) Drain 20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150) Revised 4/18/95 13.79 (.543) 13.99 (.551) Revised 8/29/97 11.51 (.453) 11.61 (.457) 0.46 (.018) 0.56 (.022) {3 Plcs} 4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112) 1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082) 5.45 (.215) BSC {2 Plcs.} 050-5920 Rev - 11-99 19.81 (.780) 20.32 (.800) 1.22 (.048) 1.32 (.052) 3.81 (.150) 4.06 (.160) (Base of Lead) Gate Drain Source Heat Sink (Drain) and Leads are Plated 2.21 (.087) 2.59 (.102) 5.45 (.215) BSC 2-Plcs. Dimensions in Millimeters and (Inches) Source Drain Gate Dimensions in Millimeters (Inches) APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058 |
Price & Availability of APT10086BLC |